Part Number Hot Search : 
STC1815 IRFB4 MAX385 CA311H TCR2DG28 SDA5550 IRFB4 G8422
Product Description
Full Text Search
 

To Download TLA100-3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d423_tla3e 980522 specications which provide more details for the proper and safe use of the described product are available upon request. all specications are subject to change without notice. lan components tla-3e series pulse transformers dip features they are conformed for iso8802-3(ieee802.3) 10base5, 10base2 and 10base-t. high quality afforded by transfer molded. employs toroidal ferrite core. temperature ranges shapes and dimensions/circuit diagrams electrical characteristics operating 0 to +70? storage ?0 to +100? part no. tu r n s ratio n 1 :n 2 inductance ( m h)?0% n 1 leakage inductance ( m h)max. n 1 [n 2 shorted] inter-winding stray capacity (pf)max. n 1 to n 2 dc resistance ( w )max. et constant (v-?)min. n 1 insulation resistance (m w )min. [dc.100v] withstand voltage erms(kv) [50hz, 60s] n 1 n 2 tla050-3e 1:1 50 0.2 9 0.2 0.2 2.1 100 2 tla075-3e 1:1 75 0.2 10 0.2 0.2 2.1 100 2 TLA100-3E 1:1 100 0.2 10 0.3 0.3 2.1 100 2 tla150-3e 1:1 150 0.2 12 0.3 0.3 2.1 100 2 16 9 8 1 0.5 17.78 tdk part no. lot no. 22.86max. 7.8max. 0.25 0.05 0.5 0.1 2.54 8.4 0.5 weight: 2.4g max. dimensions in mm tolerance: 0.25 5.08max. 3min. http://


▲Up To Search▲   

 
Price & Availability of TLA100-3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X